Part Number Hot Search : 
AD7701SQ 00020 SAA7205 BCP69 NTE8125 16C15 2N440 F10D3
Product Description
Full Text Search
 

To Download 80SQ05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 )i f = 5 a, t j = 25c 2 ) max. temperature of the terminals t t = 100c ? max. temperatur der anschlsse t t = 100c 1 80SQ05 schottky barrier rectifiers schottky-barrier-gleichrichter version 2004-08-31 nominal current 8 a nennstrom repetitive peak reverse voltage 50 v periodische spitzensperrspannung plastic case ~ do-27 kunststoffgeh?use weight approx. ? gewicht ca. 1 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert dimensions / ma?e in mm standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspg. v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] forward voltage durchla?spannung v f [v] 1 ) 80SQ05 50 50 < 0.50 max. average forward rectified current, r-load i fav 8 a 2 ) dauergrenzstrom in einwegschaltung mit r-last repetitive peak forward current f > 15 hz i frm 30 a 2 ) periodischer spitzenstrom peak forward surge current, 50 / 60 hz half sine-wave t a = 25c i fsm 155 / 180 a sto?strom fr eine 50 / 60 hz sinus-halbwelle rating for fusing, t < 10 ms t a = 25c i 2 t 132 a 2 s grenzlastintegral, t < 10 ms 9.2 0.2 62.5 0.5 ? 0.2 5.2 ? 0.1 1.2 type
1 ) valid, if leads are kept at ambient te mperature at a distance of 10 mm from case gltig, wenn die anschlu?dr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 120 100 80 60 40 20 0 [%] i fav t c [c] rated forward current vs. temp. of the terminals durchla?strom in abh. v. d. temp. der terminals 80SQ05 operating junction temperature ? sperrschichttemperatur t j ? 50...+150c storage temperature ? lagerungstemperatur t s ? 50...+150c characteristics kennwerte forward voltage ? durchla?spannung t j = 25c i f = 8 a v f < 0.55 v leakage current ? sperrstrom t j = 25c v r = v rrm i r < 150 a thermal resistance junction to ambient air r tha < 25 k/w 1 ) w?rmewiderstand sperrschicht ? umgebende luft thermal resistance junction to terminal r tht < 7 k/w w?rmewiderstand sperrschicht ? anschlu? 10 10 1 10 10 2 -1 -2 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) 80SQ05


▲Up To Search▲   

 
Price & Availability of 80SQ05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X